1 audio plug/sockets 4832.1200 www.schurter.com /pg12 appliance inlet 4832, solder terminal, screened, 2-pole, audio plug/sockets, 3.5 mm description - solder terminal : for cable mounting - audio entrances and exits - data and signal transfer - audio plug: 2-pole , shielded , straight references alternative: housing insulated 4832.1211; 4832.1220 technical data diameter 3.5 mm number of poles 2-pole ratings dc 0.5 a / 30 vdc ratings ac 0.5 a / 30 vac dielectric strength 500 vdc insulation resistance > 100 m? @ 500 vdc allowable operation temp. -20 c to 70 c terminal solder terminal nickel-plated housings screened style straight lifetime 5000 insertions dimensions 26.0 12.0 14.0 ? 9.5 ? 4.0 ? 3.5 cable diameter max. 4.0 mm all variants product group diameter [mm] number of poles terminal order number audio plug/sockets 3.5 2-pole solder terminal 4832.1200 availability for all products can be searched real-time: http://www.schurter.com/stock-check/stock-check-schurter packaging unit 100 pcs
2 audio plug/sockets 4832.1200 www.schurter.com /pg12 appliance inlet mating outlets/connectors category / description audio plug/sockets overview complete 4832, solder terminal, screened, 2-pole, audio plug/sockets, 3.5 mm 4832.2211 4832, pcb terminals, screened, 2-pole, audio plug/sockets, 3.5 mm 4832.2220 4832, pcb terminals, insulated, 2-pole, audio plug/sockets, 3.5 mm 4832.2230 4832, solder terminal, insulated, 2-pole, audio plug/sockets, 3.5 mm 4832.3200 audio plug/sockets further types to 4832.1200 the specifications, descriptions and illustrations indicated in this document are based on current information. all content is subject to modifications and amendments. information furnished is believed to be accurate and reliable. however, users should independently evaluate the suitability and test each product selected for their own applications. 28.10.2016
|